Part Number Hot Search : 
MZ721 47M50 59101 IB050 AR3510 EA100 LP490B C3225M18
Product Description
Full Text Search
 

To Download L483SRSGW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
L483HDT BRIGHT RED L483IDT HIGH EFFICIENCY RED L483YDT YELLOW
L483GDT GREEN L483EDT ORANGE
L483SRSGW SUPER BRIGHT RED/SUPER BRIGHT GREEN
Features
!CYLINDRICAL !LOW
Description
TYPE, TOP DIFFUSED. The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode. The Green and Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The High Efficiency Red and Orange source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
POWER CONSUMPTION. BRIGHT RED AND SUPER GREEN BI-COLOR
!SUPER
VERSION IS AVAILABLE.
!I.C.
COMPATIBLE. AND RUGGED. ON TAPE AND REEL. LIFE - SOLID STATE RELIABILITY.
!RELIABLE !LONG
!AVAILABLE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0724 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: S.H.CHEN
PAGE: 1 OF 6
Selection Guide
P ar t N o . L483HDT L483IDT L483EDT L483GDT L483YDT L483SRSGW Dic e BRIGHT RED (GaP) HIGH EFFICIENCY RED (GaAsP/GaP) ORANGE (GaAsP/GaP) GREEN (GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT GREEN (GaP) L en s Ty p e RED DIFFUSED RED DIFFUSED ORANGE DIFFUSED GREEN DIFFUSED YELLOW DIFFUSED WHITE DIFFUSED Iv (m c d ) @ 10 m A *20m A Min . 0.5 2 3 1 1 *20 *5 Ty p . 1 5 7 4 4 *50 *10 V i ew i n g An g l e 21/2 100 100 100 100 100 80
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. * Luminous intensity with asterisk is measured at 20mA.
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par am et er D ev i c e Bright Red High Efficiency Red Orange Green Yellow Super Bright Red Super Bright Green Bright Red High Efficiency Red Orange Green Yellow Super Bright Red Super Bright Green Ty p . 700 627 627 565 590 660 565 660 625 625 568 588 640 568 45 45 45 30 35 20 30 40 15 15 15 20 45 15 2.25 2.0 2.0 2.2 2.1 1.85 2.2 2.5 2.5 2.5 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
Bright Red High Efficiency Red Orange Spectral Line Halfwidth Green Yellow Super Bright Red Super Bright Green Bright Red High Efficiency Red Orange Green Yellow Super Bright Red Super Bright Green Bright Red High Efficiency Red Orange Green Yellow Super Bright Red Super Bright Green All
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF
Forward Voltage
V
IF=20mA
IR
Reverse Current
uA
V R = 5V
SPEC NO: CDA0724 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: S.H.CHEN
PAGE: 2 OF 6
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
B r ig h t R ed 12 0 25 120 5
Hig h E f f i c i en c y R ed 105 30 160 5
Or an g e 105 30 160 5
Gr een 105 25 140 5
Yello w 10 5 30 14 0 5
S u p er B r ig h t R ed 100 30 155 5
S u p er B r ig h t Gr een 105 25 14 0 5
Un it s mW mA mA V
-40C To +85C 260C For 5 Seconds
Bright Red L483HDT
SPEC NO: CDA0724 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: S.H.CHEN
PAGE: 3 OF 6
High Efficiency Red L483IDT
Orange L483EDT
SPEC NO: CDA0724 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: S.H.CHEN
PAGE: 4 OF 6
Green L483GDT
Yellow L483YDT
SPEC NO: CDA0724 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: S.H.CHEN
PAGE: 5 OF 6
Super Bright Red / Super Bright Green L483SRSGW
SPEC NO: CDA0724 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: NOV/11/2001 DRAWN: S.H.CHEN
PAGE: 6 OF 6


▲Up To Search▲   

 
Price & Availability of L483SRSGW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X